ATS-13H-41-C2-R0
AI

The **ATS-13H-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-13H-41-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heatsink fits within the PCB constraints without interfering with neighboring components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height (Fin Depth):** 17.50 mm
* **Pitch (Hole Spacing):** 38.00 mm
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the silicon die. Lower values indicate better cooling efficiency.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Unducted)** | 10.07 |
| **200 (Unducted)** | 3.20 |
| **300 (Unducted)** | 1.90 |
| **400 (Unducted)** | 1.39 |
---
### 4. Key Electronic Components & Features
* **Push-Pin Mounting:** Uses a spring-loaded push-pin mechanism. This provides consistent pressure (load) on the high-power component, which optimizes thermal interface material (TIM) performance.
* **Square Fin Design:** The "cross-cut" or square fin pattern allows for multi-directional airflow, making it suitable for systems where air direction might change or be obstructed.
* **C2 Material Grade:** The "C2" suffix typically indicates that the product uses a specific thermal interface material (like a pre-applied thermal tape or grease) or refers to the Blue Anodized finish used for corrosion resistance and improved emissivity.
* **R0 Rating:** This signifies that the part is **RoHS (Restriction of Hazardous Substances) compliant**, ensuring it meets environmental safety standards for lead and other toxic materials.
### 5. Application Use Cases
This heatsink is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs where active fan cooling may be limited.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How does push-pin mounting compare to adhesive-based heatsink attachment?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for this specific model?