ATS-13H-75-C3-R0
AI

The **ATS-13H-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-aspect-ratio fin design which maximizes surface area for cooling.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-13H-75-C3-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Fin Style** | Straight |
| **Fin Pitch** | Coarse / Medium |
| **Thermal Resistance** | 12.58 °C/W (@ 100 LFM) |
| **Thermal Interface Material (TIM)** | T412 |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **13H:** Refers to the specific series and mounting hole configuration.
* **75:** Denotes the specific length/width dimensions (in this case, 45mm x 45mm).
* **C3:** Refers to the height (10mm) and fin density.
* **R0:** Indicates the Revision number and finish (Black Anodized).
---
### 3. Key Electronic Cooling Features
#### **pushPIN™ Attachment System**
This part utilizes a specific "pushPIN" mechanism. It involves a flexible spring-loaded pin that passes through pre-drilled holes in the Printed Circuit Board (PCB), ensuring:
* **Constant Pressure:** Optimizes contact between the heatsink and the component (CPU/GPU/FPGA).
* **Easy Installation:** Fast assembly without needing specialized tools.
* **Stability:** High resistance to vibration and shock.
#### **Thermal Interface Material (TIM)**
The **T412** coating is pre-applied to the base. T412 is a high-performance, gold-colored thermal tape that provides excellent mechanical adhesion and thermal conductivity, eliminating the need for separate thermal grease.
#### **Airflow Performance**
The straight-fin design is optimized for **forced convection** (using fans). The thermal resistance drops significantly as airflow increases:
* **@ 100 LFM:** 12.58 °C/W
* **@ 400 LFM:** 4.42 °C/W
* **@ 700 LFM:** 3.48 °C/W
---
### 4. Typical Applications
This heatsink is commonly used to cool high-heat-generating surface-mount devices (SMDs) such as:
1. **Microprocessors / CPUs** in industrial PCs.
2. **FPGAs and ASICs** in telecommunications equipment.
3. **Power Converters** in automotive electronics.
4. **Graphics Processors** in embedded vision systems.
- ⤷
What are the specific PCB hole diameters required for the pushPIN attachment?
- ⤷ How does the T412 thermal interface material compare to T766 phase-change materials?
- ⤷ Is there a blue-anodized version of this heatsink with the same dimensions?