ATS-14B-01-C2-R0
AI

The **ATS-14B-01-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 21.90 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The device uses a **straight-fin** design. This is optimized for systems with a clear direction of airflow. The 10mm height makes it a "low-profile" solution, ideal for 1U servers or compact embedded systems where vertical space is limited.
#### B. Attachment Mechanism (Push-Pins)
The "B" in the part number often refers to the specific hardware configuration. This model uses a **push-pin and spring** assembly.
- **Benefits:** Provides consistent pressure (clamping force) on the high-heat component, improving heat transfer.
- **Requirements:** The PCB must have pre-drilled holes to accommodate the pins.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This eliminates the need for manual application of thermal paste, ensuring a uniform layer between the component and the aluminum base to minimize air gaps.
---
### 3. Part Number Decoder
Understanding the "ATS-14B-01-C2-R0" nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Series/Family type.
* **B:** Attachment style (Push-pin).
* **01:** Dimensional code (40x40mm).
* **C2:** Material/Color (Aluminum, Blue Anodized).
* **R0:** Revision code.
---
### 4. Typical Applications
* **Network Switches/Routers:** Cooling ASICs.
* **Industrial PCs:** Heat dissipation for low-wattage processors.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the push-pins in this model?
- ⤷ How does the thermal resistance change at higher airflow velocities (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?