Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14B-124-C2-R0

  • AI
    The **ATS-14B-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It belongs to the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS). --- ### 1. Technical Specifications The part number encodes specific characteristics about its design, material, and thermal performance. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Base Series** | maxiFLOW™ | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 3.18°C/W (at 100 LFM) | | **Dimensions** | 50mm x 50mm x 25mm | | **Fin Style** | Straight Fin | --- ### 2. Electronic Component Breakdown #### A. Thermal Interface Material (TIM) This specific part comes with **T766** pre-applied. The TIM is a phase-change material that fills microscopic air gaps between the heatsink base and the electronic chip (CPU/GPU/FPGA), ensuring maximum heat transfer efficiency. #### B. Attachment Mechanism: pushPIN™ The "14B" in the part number indicates the mounting hardware. It utilizes a **pushPIN™** system which consists of: * **Compression Springs:** Provide specific pressure to ensure the heatsink stays in contact with the component. * **Brass/Plastic Pins:** Secure the unit to the PCB (Printed Circuit Board) via pre-drilled holes. #### C. Fin Geometry (maxiFLOW™) The fins are designed with a tapered base and a high-aspect-ratio "spread" pattern. In electronics, this reduces "pressure drop" and increases the surface area for convection cooling, making it ideal for high-density PCB layouts where airflow may be restricted. --- ### 3. Usage Context This part is typically found in the following electronic systems: 1. **Telecommunications:** Cooling high-speed processors in routers and switches. 2. **Embedded Systems:** Industrial PCs where fan failure is a risk and passive/assisted cooling is required. 3. **Power Electronics:** Managing heat in large MOSFET arrays or power converters. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 3.18°C/W thermal resistance is sufficient for my chip?
    • ⤷ What are the PCB hole diameter requirements for the pushPIN mounting system?
    • ⤷ What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 finish suffixes in ATS parts?