ATS-14B-152-C2-R0
AI

The **ATS-14B-152-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
The following table details the mechanical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Brass) |
| **Thermal Resistance** | 3.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Style** | Blue Anodized Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **14B**: Refers to the specific series and mounting hole pattern.
* **152**: Sequential part identifier for the size (35x35x25mm).
* **C2**: Material/Finish code (Aluminum with Blue Anodize).
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic/Physical Features
#### A. Attachment System (pushPIN™)
Unlike adhesive-based heat sinks, the "B" series uses a push-pin mechanism.
* **Spring-loaded:** Ensures a constant and uniform pressure on the electronic component (CPU, GPU, or MOSFET).
* **Stability:** Provides better vibration resistance compared to thermal tape.
#### B. Thermal Performance
The efficiency of this heat sink is measured by its thermal resistance. At lower airflow (100 Linear Feet per Minute), it dissipates heat at a rate of **3.30°C/W**. As airflow increases (e.g., to 700 LFM), the resistance drops to approximately **1.30°C/W**, making it highly effective for forced-convection environments.
#### C. Material Selection
* **AL6063:** This aluminum alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodized Coating:** This is not just aesthetic; it increases the surface emissivity, slightly improving heat radiation and providing corrosion resistance.
---
### 4. Typical Applications
This part is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PC processors.
3. **Power Electronics:** Cooling for VRMs (Voltage Regulator Modules) and power transistors.
- ⤷
What are the compatible hole patterns for the ATS push-pin system?
- ⤷ How does 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom fan attachment?