ATS-14B-182-C2-R0
AI

The **ATS-14B-182-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-14B-182-C2-R0 |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30mm x 30mm x 15mm |
| **Thermal Resistance** | 7.51°C/W (at 200 LFM) |
| **Mounting Style** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Characteristics
This component is engineered for efficient heat dissipation in constrained spaces:
* **maxiFLOW™ Fin Pattern:** The fins are designed with a tapered base and a wide top to increase surface area while minimizing pressure drop across the heat sink.
* **pushPIN™ Attachment:** It features a specialized mechanical mounting system. This ensures consistent pressure between the heat sink and the chip, which is critical for thermal transfer.
* **Blue Anodized Coating:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
* **Thermal Interface Material (TIM):** The part comes with **T766** pre-applied. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the electronic component.
---
### 3. Electronic Application
The ATS-14B-182-C2-R0 is typically used in the following scenarios:
1. **Telecommunications:** Cooling ASICs in networking switches and routers.
2. **Embedded Systems:** High-heat dissipation in industrial computers.
3. **Power Electronics:** Cooling MOSFETs or power modules that require high thermal reliability.
4. **Airflow Optimization:** Because of its fin design, it is best suited for systems with **forced air cooling** (fans) rather than passive environments.
---
- ⤷
How does the pushPIN mounting system compare to adhesive tapes for heat sinks?
- ⤷ What is the significance of 'LFM' when calculating thermal resistance for this part?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?