ATS-14B-40-C2-R0
AI

The **ATS-14B-40-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It belongs to the *pushPIN™* series manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance (Unducted)** | 14.56 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.48 °C/W @ 100 LFM |
| **Fin Type** | Fine Pitch (Straight Fins) |
---
### 2. Key Component Features
* **Heat Sink Material:** Made of aluminum for high thermal conductivity and lightweight properties.
* **PushPIN™ Attachment:** This mechanism uses a spring-loaded pin to provide a secure and consistent pressure across the component surface, ensuring optimal thermal contact.
* **Thermal Interface Material (TIM):** The part typically comes pre-applied with **T766** phase-change material or similar, which fills microscopic air gaps between the heatsink and the chip.
* **Blue Anodized Finish:** This coating improves surface emissivity (radiation heat transfer) and provides corrosion resistance.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **ATS** | Manufacturer | Advanced Thermal Solutions |
| **14B** | Series | pushPIN™ Heat Sink |
| **40** | Length/Width | Specific dimension identifier |
| **C2** | Thermal Performance | High-performance fin density |
| **R0** | RoHS Status | Compliant with environmental regulations |
---
### 4. Application and Use Cases
This component is typically found in:
* **Telecommunications:** Cooling networking switches and routers.
* **Computing:** Protecting CPUs, GPUs, or FPGAs from overheating.
* **Power Electronics:** Dissipating heat from high-speed power modules.
- ⤷
What are the benefits of pushPIN attachment versus adhesive tape?
- ⤷ How does the air flow rate (LFM) impact the thermal resistance of this heatsink?
- ⤷ Can this heatsink be customized for different height requirements?