ATS-14B-41-C2-R0
AI

The **ATS-14B-41-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table summarizes the primary mechanical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 40mm x 40mm x 22.9mm |
| **Thermal Resistance** | 10.02°C/W @ 100 LFM |
| **Fin Style** | Straight Fin (Max airflow efficiency) |
| **Compliance** | RoHS Compliant |
---
### 2. Breakdown of Components
An electronic cooling assembly like the ATS-14B-41-C2-R0 consists of several integrated parts:
#### A. The Heat Sink Body
* **Geometry:** It features a 40mm square base with a 22.9mm height.
* **Fin Design:** The vertical fins increase the surface area available for heat dissipation. The "C2" indicates the specific fin density and configuration optimized for longitudinal airflow.
* **Finish:** The Blue Anodized coating not only provides a professional look but also enhances radiation heat transfer and prevents corrosion.
#### B. The Push-Pin Fasteners
* **Mechanism:** Two plastic push-pins are located at diagonal corners.
* **Function:** These pins snap into pre-drilled holes in the PCB (Printed Circuit Board). This ensures a secure, vibration-resistant connection that maintains constant pressure between the heat sink and the chip.
#### C. The Compression Springs
* **Pressure Management:** The springs sit on the push-pins to provide a specific "clamping force." This is critical because it ensures the **Thermal Interface Material (TIM)** is compressed correctly without cracking the delicate silicon die.
---
### 3. Application Use Cases
This specific part is typically used in environments where active or passive airflow is present, such as:
* **Networking Equipment:** Routers, switches, and gateways.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Processors:** Low-to-mid TDP (Thermal Design Power) BGA components.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how efficiently the part moves heat away from the component.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.02 |
| 200 (1.0 m/s) | 4.93 |
| 300 (1.5 m/s) | 3.54 |
| 400 (2.0 m/s) | 2.85 |
---
- ⤷
How do I calculate the required hole pattern on my PCB for this heat sink?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-14B-41-C2-R0?
- ⤷ What are the advantages of push-pin mounting over adhesive thermal tape?