ATS-14B-63-C2-R0
AI

The **ATS-14B-63-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** from the "maxiFLOW" series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and design features.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-14B-63-C2-R0 |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 2.85°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 20.00mm |
---
### 2. Design Characteristics
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design is characterized by a spread-fin pattern. Unlike standard square fin heat sinks, this geometry:
* Reduces pressure drop across the component.
* Maximizes surface area for convective heat transfer.
* Is ideal for high-velocity airflow environments.
#### B. pushPIN™ Attachment
The "14B" designation indicates the use of the **pushPIN™** mounting system.
* **Hardware:** It typically includes a brass or plastic pin with a stainless steel spring.
* **Pressure:** The spring provides precise, uniform pressure on the component (CPU, GPU, or FPGA), ensuring optimal interface with the Thermal Interface Material (TIM).
#### C. Material and Coating
* **Aluminum 6063:** Provides a good balance between thermal conductivity, weight, and cost.
* **Blue Anodized Finish:** This is not just aesthetic; anodization protects the aluminum from corrosion and slightly increases the emissivity of the surface, aiding in radiative heat transfer.
---
### 3. Thermal Performance (Typical Data)
The efficiency of this heat sink depends on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) - Unducted |
|:---|:---|
| 200 (1.0 m/s) | 2.85 |
| 400 (2.0 m/s) | 1.80 |
| 600 (3.0 m/s) | 1.45 |
---
### 4. Application Use Cases
This specific part is commonly found in:
* **Networking Equipment:** Switches and routers where high-density components generate significant heat.
* **Power Supplies:** Cooling MOSFETs or power transistors.
* **Embedded Computing:** Cooling industrial-grade processors.
- ⤷
What are the specific hole requirements for the pushPIN mounting system on a PCB?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Which Thermal Interface Material (TIM) is recommended for use with the ATS-14B-63-C2-R0?