ATS-14B-65-C2-R0
AI

The **ATS-14B-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
### Technical Specifications
The following table summarizes the key electrical and physical parameters of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Part Number** | ATS-14B-65-C2-R0 |
| **Thermal Resistance** | 7.29°C/W (Unducted Flow @ 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Fin Type** | Square Fin (Cross-cut) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 24.5mm |
---
### Key Components & Design Features
#### 1. Material and Coating
* **Aluminum Construction:** Offers a balance of lightweight properties and high thermal conductivity.
* **Blue Anodized Finish:** The surface treatment is not just for aesthetics; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer.
#### 2. Fin Geometry (Cross-Cut)
* The heat sink features a **Square Fin** pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This makes it ideal for dense PCB environments where the direction of the system fan's airflow might be obstructed or turbulent.
#### 3. Attachment Mechanism: Push-Pin & Spring
* **Push-Pin:** This model uses a plastic or brass push-pin that snaps into pre-drilled holes on the PCB.
* **Spring-Loaded:** A compression spring provides consistent pressure (interface pressure) between the heat sink and the electronic component (CPU, FPGA, or GPU). This ensures that the Thermal Interface Material (TIM) works efficiently.
#### 4. Thermal Performance
The performance of this heat sink is highly dependent on the velocity of the air provided by system fans:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.29 |
| 300 (1.5 m/s) | 2.36 |
| 500 (2.5 m/s) | 1.67 |
---
### Applications
This part is commonly used to cool:
* **ASICs and FPGAs:** Used in networking and telecommunications equipment.
* **Processors:** Low-to-mid power CPUs in embedded systems.
* **Power Electronics:** High-heat generating transistors or power modules.
- ⤷
What are the recommended PCB hole sizes for the ATS-14B-65-C2-R0 push-pins?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ How does blue anodization compare to black anodization in terms of thermal performance?