ATS-14B-70-C2-R0
AI

The **ATS-14B-70-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure and efficient cooling of electronic components like CPUs, GPUs, and FPGAs.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 14.15°C/W (at 200 LFM) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin (High Flow) |
---
## Key Components & Construction
### 1. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The blue anodized finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiation cooling.
### 2. Push-Pin Attachment System
Unlike adhesive-based heat sinks, the **ATS-14B-70-C2-R0** uses a mechanical push-pin system. This consists of:
* **Plastic Pins:** Designed to fit into pre-drilled holes (typically 3mm) on the PCB.
* **Compression Springs:** These apply a precise amount of downward pressure on the electronic chip, ensuring a consistent interface with the thermal grease or pad.
### 3. Fin Geometry
It utilizes a **Straight Fin** design. This is optimized for systems with a clear "line of sight" for airflow. It provides a lower pressure drop compared to cross-cut designs, making it ideal for high-velocity air cooling environments.
---
## Thermal Performance Data
Performance varies based on the Airflow Velocity (Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 14.15 |
| **400 (2.0 m/s)** | 6.00 |
| **600 (3.0 m/s)** | 4.40 |
---
## Applications
This part is commonly used in the following electronic sectors:
* **Telecommunications:** Cooling network switches and routers.
* **Embedded Systems:** Industrial PCs and high-load controllers.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ How does blue anodization compare to black anodization in terms of thermal performance?