ATS-14B-75-C1-R0
AI

## Technical Analysis of ATS-14B-75-C1-R0
The **ATS-14B-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, designed to provide high-efficiency cooling for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-14B-75-C1-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 1.47°C/W (at 200 LFM) |
| **Pressure Drop** | 0.14 inH2O (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that maximizes surface area and optimizes airflow. This is particularly effective in constrained spaces where high-velocity air is present.
* **pushPIN™ Attachment:** This model utilizes a specialized attachment mechanism that includes a high-performance spring and a brass/plastic pin. It provides a consistent, pre-determined pressure on the component to ensure optimal thermal interface contact.
* **Material and Coating:** It is made of extruded aluminum for lightweight thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides corrosion resistance and slightly improves radiative cooling.
* **C1 Material Classification:** This indicates the thermal interface material (TIM) or the specific assembly configuration provided with the kit, typically optimized for high-performance cooling requirements.
---
### 3. Applications in Electronics
This part is typically found in hardware where heat dissipation is critical for system stability:
1. **Networking Hardware:** Switches and high-speed routers.
2. **Embedded Systems:** Industrial PCs and processing modules.
3. **Power Supplies:** Cooling high-density power components.
4. **Telecom:** Base station processing units.
---
### 4. Mechanical Drawing Reference (Conceptual)
```text
[ 45mm ]
__________ ___
| |||||||| | |
| |||||||| | 30mm (Height)
| |||||||| | |
|__________| ___
```
- ⤷
What are the alternative attachment methods for ATS heat sinks if pushPIN is not suitable?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this specific model?
- ⤷ What is the recommended Thermal Interface Material (TIM) to use with the ATS-14B-75-C1-R0?