ATS-14B-79-C2-R0
AI

The **ATS-14B-79-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** push-pin heatsink designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-14B-79-C2-R0 |
| **Heatsink Type** | Push-Pin (Passive/Active Air Cooling) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 26.32° C/W (@ 100 LFM) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 25mm x 25mm x 30mm |
---
### 2. Physical Design and Construction
* **Fin Style:** This model features **Straight Fins**. Straight fin designs are optimized for unidirectional airflow, allowing heat to be carried away efficiently from the baseplate through the vertical channels.
* **Material:** It is made from high-grade aluminum. The **"C2"** in the part number indicates a blue anodized finish, which provides surface protection and slightly improves radiant heat emissivity.
* **Interface:** It typically comes with **Pre-applied Thermal Interface Material (TIM)**, which ensures there are no air gaps between the component (CPU/GPU/SoC) and the heatsink base.
---
### 3. Electronic Attachment Mechanism (Push-Pin)
The **R0** suffix refers to the specific attachment hardware used to secure the heatsink to the Printed Circuit Board (PCB):
1. **Brass Push-Pins:** These pins are inserted through pre-drilled holes in the PCB.
2. **Compression Springs:** Every pin is equipped with a spring to provide precise, uniform pressure across the component. This prevents "tilting" which can crack delicate silicon dies.
3. **Stability:** Unlike adhesive-based heatsinks, push-pins offer superior mechanical stability in high-vibration environments (e.g., industrial machinery or automotive electronics).
---
### 4. Typical Applications
This specific size (25mm footprint) is commonly used for:
* **Network Switches/Routers:** Cooling ASICs and Processors.
* **Power Supplies:** Heat dissipation for MOSFETs or Voltage Regulators.
* **Embedded Systems:** Cooling small-form-factor industrial computers.
---
- ⤷
What is the difference between this model and the cross-cut fin version?
- ⤷ How do I calculate if the 26.32 C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?