ATS-14B-93-C2-R0
AI

The **ATS-14B-93-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.37°C/W (@ 100 LFM) |
| **Flow Orientation** | Straight Fin |
---
### 2. Key Component Breakdown
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the "14B" series utilizes the **pushPIN™** mechanism. This provides:
* **Constant Pressure:** A high-performance compression spring ensures uniform pressure across the component surface for maximum heat transfer.
* **Secure Mounting:** It mounts through pre-drilled holes in the PCB, making it resistant to shock and vibration.
#### B. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodize:** The coating is not just aesthetic; it provides corrosion resistance and increases surface emissivity, slightly improving radiant heat transfer.
#### C. Straight Fin Design
The "93" in the part number corresponds to the specific fin geometry. Straight fins are ideal for **unidirectional airflow** environments, such as those found in server racks or desktop cases where fans blow air in a fixed path.
---
### 3. Part Number Decoder
The nomenclature for the ATS-14B-93-C2-R0 is structured as follows:
| Segment | Meaning |
| :--- | :--- |
| **ATS-14** | Series (pushPIN™ Aluminum Heat Sink) |
| **B** | Attachment Style (Plastic/Brass Push-Pin) |
| **93** | Specific Fin Profile and Dimensions |
| **C2** | Thermal Interface Material (T766 Phase Change Material) |
| **R0** | RoHS Compliant / Revision Status |
---
### 4. Application Use Cases
This part is typically used for cooling:
* **Processors (CPUs/GPUs):** Low-to-mid TDP chips.
* **FPGAs & ASICs:** High-speed logic gates that generate localized heat.
* **Northbridge/Southbridge:** Chipsets on industrial motherboards.
- ⤷
What are the alternative thermal interface materials (TIM) available for this series?
- ⤷ How do I calculate the correct LFM (Linear Feet per Minute) for my specific airflow?
- ⤷ What are the PCB hole diameter requirements for the pushPIN system?