ATS-14B-97-C2-R0
AI

The **ATS-14B-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** series, designed for easy installation and high thermal efficiency.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height (Height Off Base)** | 10.00 mm |
| **Pitch** | 3.80 mm |
| **Hole Pattern** | Square |
---
### 2. Thermal Performance
Thermal resistance is critical for preventing component failure. The performance varies based on the airflow (Velocity) provided by the system fans.
| Air Velocity (LFM) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| 100 (0.5 m/s) | 20.30 °C/W | 3.60 °C/W |
| 300 (1.5 m/s) | 8.10 °C/W | 2.10 °C/W |
| 500 (2.5 m/s) | 5.30 °C/W | 1.60 °C/W |
---
### 3. Key Electronic Components Features
* **Fin Design (Straight Fin):** The "97" in the part number indicates a specific fin density and configuration designed for low-profile applications where vertical space is limited (only 10mm high).
* **pushPIN™ Attachment:** Instead of messy adhesives, this part uses a spring-loaded pin mechanism. This provides:
* **Consistent Pressure:** Ensures maximum contact between the heatsink and the chip.
* **Reliability:** Resistant to vibration and thermal expansion.
* **Pre-applied TIM:** Usually comes with a high-performance **Thermal Interface Material (TIM)** pre-applied to the base to bridge the microscopic air gaps between the heatsink and the electronic component.
* **Compliance:** This part is **RoHS and REACH compliant**, meeting environmental safety standards for electronic manufacturing.
---
### 4. Typical Applications
This component is used in environments where heat dissipation is critical for electronic stability:
* **CPUs/GPUs:** Small form factor processors.
* **ASICs and FPGAs:** High-speed logic chips that generate significant heat.
* **Power Supplies:** Cooling power transistors and MOSFETs.
* **Telecommunications:** Networking switches and routers.
- ⤷
How does the 'Blue Anodized' finish affect the performance of this heatsink?
- ⤷ What are the advantages of using pushPIN™ over thermal adhesive?
- ⤷ Can this heatsink be used on components smaller than 45mm x 45mm?