ATS-14B-98-C2-R0
AI

The **ATS-14B-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | ~15.31°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
---
### 2. Key Components & Design Features
#### A. Fin Design (Cross-Cut)
This model utilizes a **cross-cut fin pattern**. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is critical in cramped electronic enclosures where air may not be moving in a single, predictable path.
#### B. The pushPIN™ Attachment System
The "14B" in the part number signifies the specific attachment kit. It uses a spring-loaded push-pin mechanism which provides:
* **Uniform Pressure:** Ensures the heat sink is pressed firmly against the component for optimal heat transfer.
* **Reliability:** Resistant to vibration and mechanical shock.
* **Ease of Assembly:** Can be installed manually or with basic tools into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material**. This fills the microscopic air gaps between the heat sink base and the electronic component to maximize thermal conductivity.
---
### 3. Applications
The ATS-14B-98-C2-R0 is commonly used in the following electronic environments:
1. **Telecommunications:** Cooling line cards and routers.
2. **Embedded Systems:** For industrial PCs where space is limited.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
4. **Automotive:** Managing heat in ADAS or infotainment control units.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.31 |
| 200 (1.0 m/s) | 5.81 |
| 400 (2.0 m/s) | 3.20 |
| 600 (3.0 m/s) | 2.50 |
- ⤷
How do I calculate the correct hole diameter on my PCB for the push-pin attachment?
- ⤷ What is the difference between blue anodized and black anodized finishes in terms of thermal performance?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?