ATS-14D-10-C2-R0
AI

The **ATS-14D-10-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" push-pin heat sink series, designed primarily for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number itself acts as a code for its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Style** | XC-Cut (Cross-Cut) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~7.89°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a structured naming convention:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Series identifier (Push-pin attachment style).
* **D:** Pin material (typically plastic or specific tension spring).
* **10:** Sequential ID for size/dimension configuration.
* **C2:** Material/Finish code (usually indicates Aluminum with Blue Anodized finish).
* **R0:** Revision code or RoHS compliance indicator.
---
### 3. Key Electronic Functions
While the heat sink is a mechanical part, its role in an electronic system is critical for reliability:
1. **Thermal Dissipation:** It increases the surface area of a hot component (like a CPU, GPU, or FPGA), allowing air to carry away heat more efficiently via convection.
2. **Cross-Cut Fin Design:** The "XC-Cut" allows for multi-directional airflow. This is crucial in electronic enclosures where the direction of the cooling fan's air may not be perfectly aligned with the fins.
3. **Mechanical Stability:** The use of **push-pins** and a **brass spring** provides consistent pressure on the electronic chip, ensuring the Thermal Interface Material (TIM) fills all microscopic gaps for maximum heat transfer.
4. **Electromagnetic Consideration:** The blue anodized aluminum is non-conductive, though it does not provide significant EMI shielding on its own.
---
### 4. Typical Applications
* **Networking Hardware:** Switches and routers where high-speed processors generate significant heat.
* **Industrial PCs:** Compact systems where passive or forced-air cooling is required.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
How do I calculate the thermal resistance needed for my specific electronic chip?
- ⤷ What are the advantages of push-pin mounting over adhesive thermal tape?
- ⤷ What is the difference between the T766 and T412 thermal interface materials?