ATS-14D-13-C2-R0
AI

The **ATS-14D-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" product line, which is engineered to maximize surface area and optimize airflow for cooling high-heat electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | High Performance maxiFLOW™ |
| **Dimensions** | 50mm x 50mm x 15mm |
| **Mounting Style** | pushPIN™ (Brass Pins) |
| **Thermal Resistance** | 1.37°C/W (at 200 LFM) |
| **Attachment** | Spring-loaded push pins |
| **Interface Material** | T766 (Thermal Interface Material) |
---
## 2. Key Design Features
### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design utilizes a unique flared fin structure. Unlike standard straight-fin heatsinks, these fins increase the surface area while reducing pressure drop. This allows more air to pass through the fins, significantly improving cooling efficiency in systems with forced-air cooling.
### B. pushPIN™ Attachment
This model uses a **pushPIN™** system, which is a standardized mounting mechanism.
* **Ease of Use:** Allows for rapid assembly to the PCB.
* **Reliability:** The brass pins and springs provide a consistent pressure (compression) on the thermal interface material (TIM), ensuring optimal heat transfer between the chip and the heatsink.
### C. Thermal Interface Material (T766)
The part comes pre-applied with **T766**. This is a high-performance thermal grease or pad that fills microscopic air gaps between the heatsink base and the electronic component (CPU, GPU, or ASIC), lowering the thermal resistance of the assembly.
---
## 3. Applications
The ATS-14D-13-C2-R0 is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial computers where space is limited but heat density is high.
3. **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
---
- ⤷
What are the differences between the C1
- ⤷ C2
- ⤷ and C3 variations of this heatsink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
- ⤷ What are the PCB hole diameter requirements for the pushPIN mounting?