AI

The **ATS-14D-178-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 35mm x 35mm |
| **Height** | 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.10°C/W (at 200 LFM) |
| **Fin Pattern** | Straight Fin |
---
## 2. Component Breakdown
### A. Material and Coating
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** The anodization provides corrosion resistance and increased surface emissivity, which helps slightly in radiant heat dissipation.
### B. The pushPIN™ Attachment System
One of the core features of this part is the **pushPIN™** system. Unlike adhesive-based heat sinks, this uses:
* **Compression Springs:** These ensure constant, uniform pressure across the component surface for maximum thermal transfer.
* **Plastic/Brass Pins:** These lock into pre-drilled holes on the Printed Circuit Board (PCB), ensuring the heat sink remains stable under vibration or mechanical shock.
### C. Thermal Performance (Flow Rate)
The efficiency of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 3.82 |
| **200 (1.0 m/s)** | 2.10 |
| **400 (2.0 m/s)** | 1.61 |
| **600 (3.0 m/s)** | 1.39 |
---
## 3. Part Number Decoder
The part number **ATS-14D-178-C2-R0** can be broken down to understand its configuration:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Series/Attachment type.
* **D:** Attachment size/Spring tension variant.
* **178:** Specific dimension/fin geometry profile.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
---
### Summary for Integration
When integrating the ATS-14D-178-C2-R0, ensure your PCB layout includes the necessary **hole patterns** for the pushPIN system. It is highly recommended to use a **Thermal Interface Material (TIM)**, such as thermal grease or a pad, between the component and the heat sink base to eliminate air gaps.
- ⤷
What are the required PCB hole dimensions for the pushPIN attachment system?
- ⤷ Does this model come with pre-applied Thermal Interface Material?
- ⤷ What are the advantages of a straight fin design compared to a cross-cut fin design?