AI

The **ATS-14D-18-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Blue Anodized Aluminum |
| **Dimensions** | 36.83mm x 36.83mm (Base) |
| **Height** | 17.78mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.95°C/W (at 200 LFM) |
| **Flow Pattern** | Spread Fin (High performance) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the cooling capability and mounting style:
| Segment | Meaning |
| :--- | :--- |
| **ATS-14** | Part of the "high performance" push-pin series. |
| **D** | Indicates the specific attachment hardware/spring type. |
| **18** | Refers to the specific fin height/geometry code. |
| **C2** | Thermal Interface Material (TIM) code (usually T766 phase change). |
| **R0** | RoHS compliant version. |
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no electricity flows through it), it performs critical functions for the electronic system:
1. **Thermal Dissipation:** It increases the surface area of the component (e.g., a BGA package), allowing air to carry away heat more efficiently.
2. **Overheating Prevention:** By maintaining a lower junction temperature, it prevents "thermal throttling" in processors, ensuring consistent performance.
3. **Mechanical Attachment:** The `pushPIN™` system provides precise, even pressure across the chip, which is vital for the efficiency of the Thermal Interface Material (TIM).
4. **Electromagnetic Neutrality:** Being aluminum, it does not interfere with the high-speed signals of the electronic components it covers, though its physical presence must be accounted for in board layout.
---
### 4. Component Comparison
| Type | Efficiency | Mounting Complexity |
| :--- | :--- | :--- |
| **Adhesive/Tape** | Low | Very Easy |
| **ATS-14D-18-C2-R0** | **High** | **Moderate (requires holes)** |
| **Liquid Cooling** | Extreme | High |
---
- ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the airflow requirements for the ATS-14D-18-C2-R0?
- ⤷ What type of Thermal Interface Material is pre-applied to this part?