Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14D-210-C2-R0

  • AI
    ## Technical Analysis: ATS-14D-210-C2-R0 The **ATS-14D-210-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** designed by Advanced Thermal Solutions (ATS). It is part of their "maxiFLOW" series, engineered for high-density electronic packaging where airflow is limited. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Category** | Heat Sink (BGA/Chipset) | | **Material** | Aluminum (AL-6063-T5) | | **Attachment Method** | pushPIN™ (Brass pins / Stainless Steel springs) | | **Finish** | Blue Anodized | | **Dimensions (LxWxH)** | 70mm x 70mm x 12mm | | **Thermal Resistance** | 5.18°C/W (at 200 LFM) | | **Compatibility** | BGA and other surface-mount packages | --- ### 2. Component Design & Functionality #### Heat Sink Geometry The "C2" designation in the part number indicates a specific **fin profile**. The maxiFLOW design uses a flared fin structure, which increases the surface area for heat dissipation while maintaining a low pressure drop. This allows for better cooling even at lower air velocities. #### Attachment Mechanism: pushPIN™ Unlike adhesive tapes or simple clips, the **pushPIN™** system ensures a precise and secure fit: * **Constant Pressure:** The stainless steel springs provide consistent pressure across the interface, optimizing the thermal contact between the heat sink and the component. * **Ease of Assembly:** The brass pins are designed for quick installation onto pre-drilled holes in the PCB. #### Thermal Interface Material (TIM) The "R0" at the end of the part number signifies that this specific model usually comes with **no thermal tape** (standard) or a specific revision of the base finish. In professional applications, a high-performance thermal paste or pad is typically applied separately to fill the microscopic air gaps between the chip and the aluminum base. --- ### 3. Application Use Cases This heat sink is typically found in high-performance electronics where CPU, GPU, or ASIC temperatures must be strictly regulated: 1. **Networking Hardware:** High-speed routers and switches. 2. **Industrial PCs:** Embedded systems operating in harsh or high-temperature environments. 3. **Server Infrastructure:** Cooling specialized chipsets on server motherboards. 4. **FPGA Modules:** Managing the heat generated by large Field Programmable Gate Arrays. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the C1 and C2 finish options for ATS heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink in my specific design?
    • ⤷ Can this heat sink be modified for custom PCB hole patterns?