ATS-14D-24-C2-R0
AI

The **ATS-14D-24-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, or power transistors.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ HS |
| **Heat Sink Type** | Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Unducted)** | 5.88 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.33 °C/W @ 100 LFM |
| **Base Dimensions** | 60.00mm x 60.00mm |
| **Height (Off Base)** | 20.00mm |
---
### 2. Key Design Elements
#### A. pushPIN™ Attachment System
This component features a specialized mounting mechanism. Unlike adhesive-based heat sinks, the push-pin system uses a pre-assembled brass component with a stainless steel spring.
* **Benefits:** Ensures consistent pressure on the component (TIM - Thermal Interface Material), which optimizes heat transfer.
* **Reliability:** Resistant to vibration and mechanical shock compared to thermal tape.
#### B. Fin Profile (Straight Fin)
The **ATS-14D-24-C2-R0** utilizes a straight-fin design. This is ideal for applications with high-velocity airflow (active cooling). The gaps between the fins allow air to pass through and carry away heat efficiently.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This model typically comes with **T412** thermal tape or a phase-change material applied to the base.
* **Purpose:** Fills microscopic air gaps between the heat sink and the electronic chip to minimize thermal resistance.
---
### 3. Dimensional Drawing Reference
| Dimension | Metric Value |
| :--- | :--- |
| **Length (A)** | 60.00 mm |
| **Width (B)** | 60.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 53.00 mm |
| **Pitch (F)** | 53.00 mm |
---
### 4. Applications
This specific size and thermal rating are commonly used in:
1. **Networking Hardware:** Switches and Routers.
2. **Industrial PCs:** Embedded systems requiring passive or active cooling.
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What are the advantages of the Blue Anodized finish on this heat sink?
- ⤷ How does the 'Ducted' vs 'Unducted' thermal resistance affect system design?
- ⤷ Is the push-pin mounting system compatible with all PCB thicknesses?