ATS-14D-35-C2-R0
AI

The **ATS-14D-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-14D-35-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 12.83°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 10.00mm |
| **Fin Style** | Fine Pitch (maxiFLOW) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific configuration of the electronic part:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **14**: Heat Sink Series.
* **D**: Fin configuration/density type.
* **35**: Component length (approx. 35-37mm).
* **C2**: Material and Finish (Aluminum with a Blue Anodized finish).
* **R0**: Revision or specific packaging code.
---
### 3. Key Electronic/Mechanical Features
#### A. Thermal Performance
This part is engineered for **forced air environments**. The maxiFLOW™ design features a spread-fin geometry which maximizes the surface area for cooling while reducing the pressure drop across the heat sink. This is critical for maintaining stable operating temperatures in high-density PCBs.
#### B. pushPIN™ Attachment
Instead of using messy thermal adhesives that are permanent, this part uses a **pushPIN™** system.
* It utilizes a brass or plastic pin with a compression spring.
* This ensures a precise, consistent "pull" or pressure against the electronic component, optimizing the thermal interface.
#### C. Thermal Interface Material (TIM)
The "C2" designation usually implies that the heat sink comes with a **pre-applied Thermal Interface Material** (typically a high-performance phase-change material or thermal pad) to ensure there are no air gaps between the semiconductor and the aluminum.
---
### 4. Typical Applications
* **Telecommunications:** Cooling of high-speed network processors.
* **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
* **Power Supplies:** Regulating the temperature of MOSFETs or voltage regulators.
- ⤷
What are the specific benefits of the maxiFLOW fin design compared to standard cross-cut heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink in my circuit?
- ⤷ Does this model support different spring tensions for sensitive electronic components?