ATS-14D-40-C2-R0
AI

The **ATS-14D-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Brass/Plastic) |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Fine-Pitch (Cross-Cut) |
---
### 2. Part Number Breakdown (Nomenclature)
Understanding the code **ATS-14D-40-C2-R0** helps identify its specific properties:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **14**: Unique sequence/series identifier.
* **D**: Indicates a specific push-pin or spring type (typically determines the attachment force).
* **40**: Indicates the footprint size (45mm in this specific series configuration).
* **C2**: Refers to the **Thermal Interface Material (TIM)**; C2 usually denotes **T766** (a high-performance thermal grease).
* **R0**: Revision code.
---
### 3. Key Electronic Components & Features
#### A. Push-Pin Mounting System
Instead of using messy adhesives or permanent solder, this part uses a **spring-loaded push-pin** mechanism.
* **Benefit:** Provides consistent pressure (Pre-assembled) across the chip surface to ensure maximum heat transfer.
* **Maintenance:** Allows for easy removal and re-installation during PCB repairs.
#### B. Fin Design (Cross-Cut)
The heat sink features a **straight fin/cross-cut** pattern.
* This design is optimized for **omni-directional airflow**, meaning the air can enter the fins from any direction, making it ideal for crowded PCB environments where airflow direction is unpredictable.
#### C. Thermal Interface Material (TIM)
The "C2" designation means the bottom of the heat sink comes pre-applied with a thermal compound.
* **Function:** Fills microscopic air gaps between the chip die and the aluminum base to reduce thermal resistance.
---
### 4. Implementation Example
In a circuit design, this component would be mapped in the mechanical layer of the PCB:
```markdown
# PCB Design Integration
- Hole Diameter: 3.175mm (Typical for ATS Push-Pins)
- Hole Pitch: 38.00mm (Distance between mounting holes)
- Keep-out Zone: 47mm x 47mm (To avoid component collision)
```
- ⤷
What is the difference between C1
- ⤷ C2
- ⤷ and C3 thermal materials in ATS heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Are there alternative mounting options if my PCB does not have holes?