ATS-14D-47-C2-R0
AI

The **ATS-14D-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-efficiency cooling of surface-mount components like BGA (Ball Grid Array) chips.
---
### ## Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-14D-47-C2-R0 |
| **Heat Sink Type** | Push-Pin (High Performance) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.58°C/W (at 1.0 m/s airflow) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
---
### ## Core Electronic & Mechanical Features
#### 1. Pin Fin Design
Unlike traditional straight-fin heat sinks, this model utilizes a **straight-fin array** optimized for specific airflow directions. This increases the surface area exposed to moving air, facilitating faster heat dissipation from the semiconductor to the environment.
#### 2. Attachment System (Push-Pin)
This part uses a mechanical push-pin assembly.
* **Reliability:** Provides consistent pressure on the processor, ensuring a high-quality interface with the Thermal Interface Material (TIM).
* **Hardware:** It features pre-drilled holes for brass push-pins and springs that provide the necessary force to keep the heat sink seated during vibration or thermal cycling.
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the inclusion of a specific TIM.
* **Pre-applied:** Usually comes with a high-performance thermal pad or phase-change material on the base.
* **Purpose:** Fills microscopic air gaps between the chip and the heat sink base to lower contact resistance.
#### 4. Material Advantage
The **Aluminum** construction offers a balance between lightweight design and high thermal conductivity, while the **Blue Anodized** finish protects the aluminum from corrosion and slightly improves radiant heat emissivity.
---
### ## Application Use Cases
This component is generally found in:
* **Networking Equipment:** Routers, switches, and gateways.
* **Industrial PCs:** Cooling embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs or high-speed regulators.
* **Telecommunications:** Base stations and data transmission hardware.
- ⤷
What is the hole pattern dimension required on the PCB for this heat sink?
- ⤷ How does the 'C2' designation in the part number affect the material properties?
- ⤷ What are the alternative attachment methods if push-pins cannot be used on my board?