ATS-14D-52-C2-R0
AI

The **ATS-14D-52-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push pin" series, intended for cooling components like CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The model number encodes specific physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push Pin (with Springs) |
| **Thermal Resistance** | 10.79°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (LxWxH)** | 30.00mm x 30.00mm x 25.00mm |
| **Fin Type** | Square Pin Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Components
#### A. Pin Fin Design
Unlike traditional straight-fin heatsinks, this model uses a **Square Pin Fin** pattern. This design allows for:
- **Omnidirectional Airflow:** It can receive cooling air from any direction, making it ideal for systems with complex internal turbulence.
- **Higher Surface Area:** The pin structure increases the surface-to-volume ratio compared to standard extruded fins.
#### B. Push Pin Attachment
The mounting mechanism consists of two plastic or brass pins with internal springs.
- **Consistency:** Provides precise, repeatable downward pressure on the electronic component.
- **Security:** Prevents the heatsink from shifting during transport or vibration.
- **Hole Spacing:** Designed for specific PCB hole patterns (typically 35mm to 45mm spacing depending on the variant).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a "Phase Change" or high-performance thermal grease that fills microscopic air gaps between the heatsink and the chip, ensuring maximum heat transfer.
---
### 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) determines how much the temperature of the chip rises per watt of power consumed.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 10.79 |
| 300 | 1.5 | 3.64 |
| 500 | 2.5 | 2.51 |
| 700 | 3.5 | 2.06 |
---
### 4. Application Use Cases
This specific heatsink is generally found in:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Embedded Systems:** Industrial PCs or IoT gateways.
3. **Power Electronics:** Voltage regulators or power converters that generate significant heat in a small footprint.
- ⤷
What is the significance of the 'C2' suffix in the part number?
- ⤷ How do I calculate the correct hole diameter for the push pins on my PCB?
- ⤷ Can this heatsink be used in a passive cooling environment without a fan?