ATS-14D-59-C2-R0
AI

The **ATS-14D-59-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" family, designed for thermal management of electronic components like CPUs, GPUs, and other heat-generating semiconductors.
---
### 1. Technical Specifications
The part number encodes specific physical and material properties. Below are the core specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 7.94°C/W (at 100 LFM) |
---
### 2. Key Design Components
#### A. Thermal Interface Material (TIM)
* **Pre-Applied:** This model typically comes with **T766** thermal interface material.
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic component, ensuring maximum heat transfer efficiency.
#### B. The pushPIN™ Attachment System
* **Components:** It uses a brass or plastic pin combined with a stainless steel spring.
* **Benefit:** Provides a consistent "force-to-pressure" ratio, ensuring the heat sink is held firmly against the chip without damaging the PCB.
#### C. Fin Design
* **Pattern:** This model utilizes a **straight-fin** or **cross-cut** design (depending on the specific revision) optimized for directional airflow.
* **Density:** The "Fine-Pitch" design increases the surface area for heat dissipation, making it suitable for compact electronic enclosures with active fan cooling.
---
### 3. Thermal Performance Profile
The efficiency of the ATS-14D-59-C2-R0 depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.94 |
| 300 (1.5 m/s) | 2.99 |
| 500 (2.5 m/s) | 2.10 |
| 700 (3.5 m/s) | 1.72 |
---
### 4. Application Use Cases
1. **Telecommunications:** Cooling of high-speed networking processors.
2. **Industrial PCs:** Thermal management for embedded systems in harsh environments.
3. **Power Supplies:** Dissipating heat from voltage regulators and MOSFETs.
- ⤷
What are the different pushPIN material options for this series?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ What is the recommended hole size on the PCB for this specific attachment system?