Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14D-64-C2-R0

  • AI
    The **ATS-14D-64-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications Below is a breakdown of the physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) | | **Thermal Resistance (Flow)** | 9.39 °C/W @ 100 LFM (Linear Feet per Minute) | | **Thermal Resistance (Static)** | 1.81 °C/W @ 400 LFM | | **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) | --- ### 2. Physical Dimensions The part follows a square footprint with a medium profile height: * **Length (Dimension A):** 40.00 mm * **Width (Dimension B):** 40.00 mm * **Height (Dimension C):** 25.00 mm * **Pitch (Dimension E):** 45.00 mm (Spacing between pins) * **Pitch (Dimension F):** 45.00 mm --- ### 3. Key Features The "64" series within the ATS product line indicates a specific **Straight Fin** design, which is optimized for environments where airflow is directed through the fins in a linear path. * **Push-Pin Attachment:** Provides the necessary pressure (clamping force) to ensure maximum heat transfer between the component and the heat sink. * **High Performance:** The T766 thermal grease/pad is pre-applied to the base, reducing installation time and ensuring consistent thermal conductivity. * **Reliability:** The aluminum construction is lightweight but durable, and the Blue Anodized finish protects against corrosion. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: ```text ATS - 14 - D - 64 - C2 - R0 | | | | | | | | | | | +-- Revision Code | | | | +------- Thermal Material/Color (C2 = Blue Anodized/T766) | | | +------------ Product Series (Straight Fin) | | +---------------- Fin Height/Profile Type | +--------------------- Series Identifier +-------------------------- Advanced Thermal Solutions ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting hole sizes for the pushPIN system?
    • ⤷ How does the T766 interface material compare to standard thermal paste?
    • ⤷ Are there low-profile alternatives to the ATS-14D-64 series?