ATS-14D-66-C2-R0
AI

The **ATS-14D-66-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blue ice" or high-performance push-pin series.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is designed to dissipate heat from surface-mount devices (SMDs) like CPUs, GPUs, or high-power transistors.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-14D-66-C2-R0 |
| **Type** | Board Level Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits within the PCB layout without interfering with other components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height (Fin Height):** 35.00 mm
* **Fin Style:** Straight Fin (optimized for airflow)
---
### 3. Thermal Performance
Heat sinks are measured by their thermal resistance (expressed in °C/W). The lower the number, the better the cooling.
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **@ 1.0 m/s (200 LFM)** | ~5.77 °C/W |
| **@ 2.0 m/s (400 LFM)** | ~2.36 °C/W |
| **@ 3.0 m/s (600 LFM)** | ~1.58 °C/W |
---
### 4. Technical Features
* **Push-Pin Mounting:** Uses a spring-loaded push-pin mechanism. This provides the necessary pressure for optimal thermal contact while making installation fast and tool-free.
* **Material Science:** The aluminum construction offers a lightweight solution with high thermal conductivity. The Blue Anodized finish increases surface emissivity and protects against corrosion.
* **Pre-applied TIM:** The "T766" phase-change material ensures that air gaps between the component and the heat sink are filled, maximizing heat transfer immediately upon installation.
---
### 5. Application Use Cases
This specific model is typically found in:
1. **Networking Hardware:** Routers, switches, and base stations.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from large MOSFETs or IGBT modules.
- ⤷
What are the PCB hole diameter requirements for the push-pin mounting?
- ⤷ Is there a version of this heat sink with a different height for low-profile enclosures?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?