ATS-14D-68-C2-R0
AI

The **ATS-14D-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) |
| **Weight** | 35 grams |
---
### 2. Key Components & Design Features
#### A. Fin Profile (Straight Fin)
The "68" in the part number identifies the specific fin pattern. This model typically features a **straight fin** design. Straight fins are ideal for systems with consistent airflow direction, providing a low pressure drop and high surface area for heat exchange.
#### B. Push-Pin Mounting System
Instead of using messy thermal adhesives or complex brackets, this part uses the **pushPIN™** system:
* **Brass/Plastic Pins:** Secure the heat sink through pre-drilled holes in the PCB.
* **Compression Springs:** Ensure consistent "Interface Pressure" against the chip, which optimizes heat transfer.
#### C. Thermal Interface Material (TIM)
The **C2** designation in the part number indicates that the heat sink comes pre-applied with **ATS-54** (a high-performance thermal grease). This eliminates the need for manual application and ensures no air gaps exist between the component and the heat sink.
---
### 3. Part Number Breakdown (Nomenclature)
To understand what each segment of **ATS-14D-68-C2-R0** means:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **14:** Series (pushPIN™ Heat Sink).
* **D:** Attachment Type (specific spring/pin configuration).
* **68:** Fin Design/Pattern.
* **C2:** Thermal Interface Material (ATS-54) and Finish (Blue Anodized).
* **R0:** Revision/Standard packaging.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PC boards.
* **Power Electronics:** Voltage regulators and power modules.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative mounting options if my PCB lacks push-pin holes?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?