Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14D-72-C2-R0

  • AI
    The **ATS-14D-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-14D-72-C2-R0 | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 5.10°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 35mm | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Design and Component Breakdown #### A. The Fin Geometry (maxiFLOW™) The "maxiFLOW" design features a flared fin structure. Unlike straight-cut fins, these fins are tapered to maximize surface area while minimizing pressure drop. This increases the efficiency of convective heat transfer when air is forced through the sink by a fan. #### B. pushPIN™ Attachment System Instead of using messy adhesives or simple clips, this model uses the **pushPIN™** system: * **Spring-loaded mechanism:** Ensures constant, even pressure across the electronic component, preventing "hot spots." * **Secure Mounting:** Requires pre-drilled holes in the PCB (Printed Circuit Board). #### C. Thermal Interface Material (TIM) The base comes pre-coated with **T766**. This is a specialized paste that fills the microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance. --- ### 3. Thermal Performance Metrics The effectiveness of this part depends on the airflow (measured in Linear Feet per Minute - LFM). | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (Low Airflow) | 5.10 | | 300 (Moderate Airflow) | 1.45 | | 500 (High Airflow) | 1.05 | --- ### 4. Implementation Example To use this part in a circuit design, you must ensure the PCB layout includes the specific hole pattern for the pushPIN. ```yaml # Mounting Requirements Hole_Diameter: 3.175mm (approx) Hole_Spacing: 38mm (between centers) Component_Footprint: 45mm x 45mm ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the pushPIN™ system over adhesive thermal tapes?
    • ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
    • ⤷ Can this heat sink be used for passive cooling without a fan?