ATS-14D-90-C2-R0
AI

The **ATS-14D-90-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to PCBs.
---
### 1. Component Specifications
Below is a technical breakdown of the part based on its nomenclature and data sheet:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-14D-90-C2-R0 |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Attachment Method** | Brass Push-Pin (Spring Loaded) |
---
### 2. Physical Design Details
The design of this component is optimized for air cooling within electronic enclosures:
* **Geometry:** It features a square footprint (35mm) with a height of 25mm. The vertical fins provide a large surface area to dissipate heat from the underlying semiconductor.
* **Attachment Mechanism:** It uses a **Push-pin** system with a compression spring. This provides a consistent "clamping force" against the chip, ensuring the thermal interface material makes solid contact.
* **Material Choice:** Aluminum is used for its high thermal conductivity-to-weight ratio. The **Blue Anodized** coating improves radiation heat transfer and prevents corrosion.
---
### 3. Thermal Performance
Thermal resistance is critical for determining if this part can keep a specific chip (like a CPU, FPGA, or GPU) within safe operating temperatures.
* **Thermal Resistance (Unducted):** Approximately **6.36 °C/W** at low airflow (200 LFM).
* **Thermal Resistance (Ducted):** Performance improves significantly with forced air (fan), dropping as low as **1.60 °C/W** at 800 LFM.
---
### 4. Typical Applications
This specific model is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Power Supplies:** Managing heat on MOSFETs or power regulators.
3. **Industrial Controls:** Cooling components in rugged environments where vibration resistance (offered by push-pins) is necessary.
- ⤷
What is the hole pattern required on a PCB to mount this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?