ATS-14D-92-C2-R0
AI

The part number **ATS-14D-92-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink line designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Fin Style** | Straight Fin |
| **Pressure Support** | High Performance (Compression Spring) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS-14**: Refers to the "push-pin" attachment series.
* **D**: Indicates the spring type or specific mechanical variation.
* **92**: The specific die/mold profile and footprint size.
* **C2**: Refers to the **Thermal Interface Material (TIM)** provided. In this case, it usually comes with T766 or a similar high-performance phase-change material/grease.
* **R0**: Indicates the revision level or packaging standard.
---
### 3. Key Electronic Applications
This part is used to manage the thermal load of discrete electronic components. Without a heatsink, the junction temperature of a semiconductor can exceed safety limits, leading to "thermal throttling" or permanent failure.
* **Integrated Circuits (ICs):** Specifically BGA (Ball Grid Array) packages.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators in compact enclosures.
* **Embedded Systems:** Used in industrial PCs where airflow is provided by a system fan.
---
### 4. Installation Design
The electronic PCB must have pre-drilled holes to accommodate the push-pins. The design utilizes:
1. **Plastic Push-Pins:** To snap through the PCB.
2. **Compression Springs:** To ensure a precise "clamping force" is applied to the chip, maximizing heat transfer without cracking the silicon die.
- ⤷
What are the PCB hole diameter requirements for this push-pin heatsink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be used with a custom fan attachment?