ATS-14D-98-C2-R0
AI

The **ATS-14D-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICECUBE" series, designed for cooling high-power semiconductors like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 20mm |
| **Fin Style** | Straight Fin (Cross-cut) |
| **Thermal Resistance** | 15.31°C/W (at 1.0 m/s airflow) |
| **Finish** | Blue Anodized |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the `C2` designation indicates a specialized attachment system:
* **Compression Springs:** Provide a precise, consistent "Force" (Pressure) against the electronic component.
* **Plastic Push Pins:** Snap into pre-drilled holes in the PCB, ensuring the heat sink does not shift during vibration or transport.
#### B. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides electrical insulation and improves surface emissivity, aiding in heat radiation.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied T766:** The unit usually comes with a high-performance Phase Change Material (PCM) or thermal grease pre-applied to the base, ensuring there are no air gaps between the chip and the heat sink.
---
### 3. Application Use-Cases
The ATS-14D-98-C2-R0 is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
---
### 4. Thermal Performance Data
*Measured in °C/W (Degrees Celsius per Watt of heat dissipated):*
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 15.31 °C/W |
| 2.0 m/s (400 LFM) | 6.81 °C/W |
| 3.0 m/s (600 LFM) | 4.61 °C/W |
- ⤷
How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ What are the exact PCB hole dimensions required for the pushPIN attachment?
- ⤷ Does this model come in different height variations for low-profile builds?