ATS-14E-101-C2-R0
AI

The part number **ATS-14E-101-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Length/Width** | 45mm x 45mm |
| **Height** | 30mm |
| **Thermal Resistance** | 6.69°C/W (at 200 LFM) |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **14E**: Refers to the specific series and frame attachment style (superGRIP).
* **101**: Unique identifier for the dimensions and fin configuration.
* **C2**: Indicates the material/finish (Blue Anodized Aluminum).
* **R0**: Refers to the revision code or packaging standard.
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical component, it is critical for electronic reliability:
1. **Thermal Management**: It increases the surface area of a semiconductor package, allowing heat to dissipate into the surrounding air via convection.
2. **Overheating Protection**: By maintaining a lower junction temperature, it prevents thermal throttling and extends the Mean Time Between Failures (MTBF) of the electronic chip.
3. **EMI Shielding (Partial)**: Because it is a grounded metal mass (when properly mounted), it can sometimes assist in reducing electromagnetic interference (EMI).
---
### 4. Installation Design
This specific model uses the **superGRIP** attachment system, which is highly valued in PCB assembly for several reasons:
* **No Holes Required**: It clips directly onto the component's edges, meaning no holes need to be drilled into the PCB.
* **High Tension**: Provides consistent pressure on the Thermal Interface Material (TIM) for maximum heat transfer.
* **Space Efficient**: The thin clip frame allows for components to be placed tightly together on the motherboard.
---
- ⤷
What are the different types of Thermal Interface Materials used with ATS heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used with a fan for active cooling?