ATS-14F-05-C2-R0
AI

The **ATS-14F-05-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 8.72°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Pattern** | Straight Fin |
---
## Key Components & Features
### 1. The Heat Sink Body
The main body is made of **aluminum**, which provides a balance between high thermal conductivity and low weight. The **Blue Anodized** finish is not just for aesthetics; it provides a layer of protection against corrosion and slightly increases surface emissivity for better radiation cooling.
### 2. Attachment System (Push-Pin)
This specific model uses a **brass push-pin** mechanism.
* **Ease of Install:** It allows for quick mounting to the Printed Circuit Board (PCB) without complex tools.
* **Compression Spring:** It includes a high-performance compression spring to ensure even pressure across the component, maximizing thermal contact.
### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number usually signifies that the product comes with a pre-applied thermal interface material. In this series, it is typically **T766**, a high-performance phase-change material that fills microscopic air gaps between the heat sink and the chip.
### 4. Fin Design
The **Straight Fin** design is optimized for environments where there is a clear, directional airflow (forced convection). The 25mm height allows for a significant surface area for heat dissipation.
---
## Performance Metrics (Thermal Resistance)
Thermal resistance indicates how effectively the part moves heat away from the component. Lower values are better.
* **Unducted Flow (200 LFM):** 8.72 °C/W
* **Unducted Flow (400 LFM):** 3.36 °C/W
* **Ducted Flow (200 LFM):** 2.35 °C/W
---
## Applications
* **Networking Gear:** Switches and routers.
* **Industrial PCs:** Compact systems requiring passive or assisted cooling.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific chip temperature?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?