ATS-14F-06-C2-R0
AI

The **ATS-14F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize air contact and heat dissipation for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions** | 45mm x 45mm |
| **Height** | 6.00mm (Low Profile) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 20.17 °C/W (@ 100 LFM) |
| **Fin Style** | Fine Pitch (Tapered) |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### 2. Design and Component Breakdown
#### A. The maxiFLOW™ Geometry
The "F" in the part number indicates the maxiFLOW™ design. Unlike standard rectangular heat sinks, these feature a **tapered fin design**. This increases the surface area while reducing pressure drop, allowing more air to flow through the fins, which is critical in high-density PCB environments.
#### B. pushPIN™ Attachment System
This part uses a specialized mechanical attachment rather than simple adhesive:
* **Precision Springs:** Provides specific pressure to ensure a tight thermal bond.
* **Nylon Bolts/Pins:** Snap into pre-drilled holes on the PCB (usually 3.0mm holes).
* **Reliability:** Mechanical mounting is preferred over tape for high-vibration or high-heat environments where adhesives might fail.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a high-performance thermal pad that softens at operating temperatures to fill microscopic air gaps between the chip and the heat sink, significantly lowering thermal impedance.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **14**: Series type (maxiFLOW).
* **F**: Fin structure/configuration.
* **06**: Height (6.00mm).
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: RoHS compliance and revision status.
---
### 4. Typical Applications
* **Networking/Telecom:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs with low vertical clearance.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Processing Units:** Cooling BGAs, FPGAs, and ASICs.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the thermal resistance of this part change at higher airflow (LFM)?
- ⤷ Are there alternative heights available for the ATS-14 series?