Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14F-07-C3-R0

  • AI
    The **ATS-14F-07-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-efficiency cooling of surface-mount components like BGA (Ball Grid Array) chips. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Anodized Blue) | | **Dimensions** | 45mm x 45mm x 12.7mm | | **Fin Style** | Push-Pin (Straight Fins) | | **Attachment Method** | Push-Pin (Brass) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 17.09 °C/W (at 1.0 m/s airflow) | | **Interface Material** | T412 (Chomerics) | --- ### 2. Breakdown of the Model Number The part number can be decoded to understand its specific configuration: * **ATS**: Prefix for Advanced Thermal Solutions. * **14**: Refers to the specific product series (Push-Pin Heat Sink). * **F**: Indicates the fin pattern/density. * **07**: Denotes the specific mechanical height/design iteration. * **C3**: Refers to the Thermal Interface Material (TIM) and color (usually Blue Anodized). * **R0**: Revision or packaging indicator. --- ### 3. Key Electronic Functions While the heat sink itself is passive (it does not consume electricity), it is critical for the electronic integrity of a system: 1. **Thermal Dissipation**: Its primary role is to transfer heat from a high-power semiconductor (CPU, GPU, FPGA) to the surrounding air to prevent thermal throttling or hardware failure. 2. **Mechanical Stability**: The use of **brass push-pins** and compression springs ensures a constant, even pressure across the chip surface. This prevents air gaps and ensures the Thermal Interface Material (TIM) works efficiently. 3. **Space Efficiency**: At a height of only 12.7mm, it is designed for low-profile electronic enclosures where vertical space is limited. --- ### 4. Application Areas * **Networking**: Routers, switches, and base stations. * **Computing**: Embedded systems and industrial PC motherboards. * **Power Supplies**: Cooling high-heat voltage regulators or power ICs.
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using push-pins over adhesive tape for heat sinks?
    • ⤷ How does the T412 thermal interface material affect performance?
    • ⤷ What is the recommended airflow direction for straight-fin heat sinks like this one?