ATS-14F-08-C2-R0
AI

## Technical Overview of ATS-14F-08-C2-R0
The **ATS-14F-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Type** | Top Mount / Board Level |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W)** | 46.83mm x 46.83mm |
| **Height** | 22.86mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~1.46°C/W (at 200 LFM) |
---
### 2. Physical Design and Functionality
The "F" in the part number denotes the **Fine Pitch** fin design, which is optimized for specific airflow environments.
* **Finned Profile:** It uses a "flared fin" geometry. This design increases the surface area for heat dissipation while reducing pressure drop, making it highly efficient for forced-air cooling.
* **pushPIN™ Attachment:** Instead of messy adhesives or fragile clips, this part uses a mechanical pushPIN™ system. This ensures consistent pressure between the heat sink and the chip, maximizing thermal transfer.
* **Material:** It is made from extruded aluminum. The **Black Anodized** finish isn't just for aesthetics; it increases surface emissivity, which helps slightly with radiative cooling.
---
### 3. Part Number Breakdown (Nomenclature)
To understand exactly what you are ordering, here is how the part number is structured:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **14** | Package Size (46.83mm x 46.83mm) |
| **F** | Fin Pitch (Fine Pitch) |
| **08** | Specific Height/Configuration variant |
| **C2** | Thermal Interface Material (Blue Anodized / Phase Change Material) |
| **R0** | RoHS Compliant version |
---
### 4. Application Use Cases
This component is typically used in industrial and high-speed computing environments where chips generate significant heat but space is limited.
* **Telecommunications:** High-speed routers and switches.
* **Computing:** High-performance CPUs or FPGAs.
* **Power Electronics:** Converters and high-density power modules.
---
- ⤷What is the difference between Fine Pitch and Ultra Fine Pitch in the maxiFLOW series?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ What type of Thermal Interface Material (TIM) comes pre-applied to the C2 variant?