ATS-14F-101-C3-R0
AI

The **ATS-14F-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Fin Style** | Straight Fin (provides vertical airflow channels) |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 6.77°C/W (at 100 LFM) to 1.17°C/W (at 700 LFM) |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Detailed Component Breakdown
#### A. Thermal Performance
The heat sink is designed to dissipate heat from a component into the surrounding air. The performance varies based on airflow (Linear Feet per Minute - LFM):
* **Low Airflow (100 LFM):** 6.77 °C/W
* **High Airflow (700 LFM):** 1.17 °C/W
* **Efficiency:** The "Straight Fin" design is optimized for environments where there is a clear, directional path for air to flow through the fins.
#### B. The pushPIN™ Mounting System
The suffix `-R0` indicates the mounting style. This system uses:
1. **Plastic Push Pins:** These snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These ensure constant, even pressure between the heat sink and the electronic chip, which is critical for maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base.
* **Purpose:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Benefit:** Being "C3" grade, it offers high thermal conductivity, reducing the "bottleneck" effect at the point of contact.
---
### 3. Part Number Decoder
Understanding the manufacturer's logic helps in identifying its specific features:
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **14:** Series Number
* **F:** Fin Attachment (F = Push Pin)
* **101:** Specific Dimension/Geometry code
* **C3:** Thermal Interface Material type (High performance)
* **R0:** Revision/Packaging code
---
### 4. Application Examples
This specific heat sink is commonly used in:
* **Telecommunications:** Cooling networking switches and routers.
* **Industrial PCs:** Maintaining stability in high-temperature environments.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN™ mounting system?
- ⤷ How does 'Blue Anodized' finish affect thermal radiation or durability?
- ⤷ Can the T766 thermal material be replaced if the heat sink is uninstalled?