ATS-14F-115-C2-R0
AI

## Technical Analysis: ATS-14F-115-C2-R0
The **ATS-14F-115-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, engineered for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 5.33 °C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring no interference with surrounding motherboard components:
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 20.00 mm (Fin height)
* **Pitch (Hole Pattern):** 45.00 mm (diagonal/square layout)
---
### 3. Component Breakdown
#### A. The Heat Sink Body
The unit uses a **cross-cut fin design**. This allows for "multi-directional" airflow, meaning it can dissipate heat effectively even if the air is not blowing directly parallel to the fins. The aluminum is finished with a **Blue Anodize**, which provides corrosion resistance and improves thermal emissivity.
#### B. The pushPIN™ Mechanism
Instead of messy adhesives or difficult screws, this part uses a brass push-pin with a stainless steel spring.
* **Benefits:** Provides consistent pressure (clamping force) across the chip surface to ensure optimal heat transfer.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* This is a high-performance thermal pad/grease that fills microscopic air gaps between the chip and the heat sink.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM | 700 LFM |
| :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 5.33 | 2.58 | 1.80 | 1.45 |
---
### 5. Application Use Cases
1. **Networking Hardware:** Switches and routers where airflow may be turbulent.
2. **Embedded Systems:** Industrial PCs requiring secure, vibration-resistant mounting.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What are the PCB hole size requirements for the pushPIN™ attachment?
- ⤷
How does the T766 thermal material compare to standard thermal paste?
- ⤷
Are there low-profile versions of this heat sink for 1U server racks?