ATS-14F-12-C2-R0
AI

The part number **ATS-14F-12-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed specifically for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 12.70mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~4.41°C/W (at 200 LFM) |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the configuration:
* **ATS**: The manufacturer (Advanced Thermal Solutions).
* **14F**: Denotes the specific fin pattern and series type.
* **12**: Represents the height of the heat sink (12.7mm).
* **C2**: Indicates the thermal performance and material grade (Blue Anodized Finish).
* **R0**: Refers to the revision and packaging status (RoHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no electricity flows through it), it is critical for the survival of active electronic parts:
1. **Thermal Dissipation**: It increases the surface area of a semiconductor package, allowing heat to transfer more efficiently from the silicon die to the surrounding air.
2. **Phase Change Material (T766)**: The "C2" variant usually comes with a pre-applied thermal pad. This material melts at operating temperatures to fill microscopic air gaps between the chip and the metal, reducing thermal impedance.
3. **Mechanical Attachment (pushPIN™)**: Unlike adhesive tapes, the pushPIN system provides consistent pressure. This ensures the thermal interface remains effective even under vibration or mechanical shock.
---
### 4. Comparison with Standard Heat Sinks
| Feature | ATS-14F-12-C2-R0 | Standard Extruded Heat Sink |
| :--- | :--- | :--- |
| **Fin Design** | Tapered / High-Aspect Ratio | Straight Fins |
| **Airflow Efficiency** | Optimized for low pressure drop | High resistance to airflow |
| **Mounting** | Precise mechanical pins | Adhesive tape or clips |
---
- ⤷What are the mounting hole requirements for the pushPIN system used in this part?
- ⤷ How does the thermal resistance change at higher airflows (LFM)?
- ⤷ What is the specific melting point of the T766 phase change material?