ATS-14F-121-C2-R0
AI

The **ATS-14F-121-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and physical characteristics.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ |
| **Base Part Number** | ATS-121 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
---
### 2. Physical Dimensions
This heat sink is designed for specific square-pattern PCB layouts.
* **Size (L x W):** 45mm x 45mm
* **Height:** 10mm (Low Profile)
* **Pitch (Fin Spacing):** Fine Pitch
* **Pin Spacing:** 38mm x 38mm (The distance between the mounting holes on the PCB).
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the component. This varies based on the airflow (Velocity).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 9.48 |
| **300 (1.5 m/s)** | 4.47 |
| **500 (2.5 m/s)** | 3.35 |
| **700 (3.5 m/s)** | 2.81 |
---
### 4. Key Components and Design Features
1. **Fin Design:** It uses a **Cross-Cut** fin pattern. This allows for multi-directional airflow, making it versatile for systems where the air might not be blowing in a single straight line.
2. **Attachment (pushPIN™):** It utilizes a spring-loaded push-pin mechanism. This ensures constant pressure (clamping force) on the high-heat component, improving thermal transfer.
3. **Thermal Interface Material (TIM):** The "R0" designation typically indicates that the unit comes with a pre-applied **T766** phase-change material or similar high-performance thermal pad on the base.
4. **Material Construction:** Made from extruded aluminum (6063), which provides a balance between lightweight design and high thermal conductivity.
---
### 5. Common Applications
* **BGA Cooling:** Ideal for Ball Grid Array processors or FPGAs.
* **Telecommunications:** Used in routers and switches where space is limited but heat density is high.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the correct hole diameter for the ATS push-pin mounting?
- ⤷ Does this heat sink support active cooling fans?