ATS-14F-147-C3-R0
AI

The **ATS-14F-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Thermal Resistance (Flowing Air)** | 13.65°C/W @ 100 LFM |
| **Thermal Resistance (Static Air)** | 26.00°C/W (approximate) |
---
### 2. Key Component Features
#### A. Fin Design (maxiFLOW™)
This part utilizes a **flared fin** geometry. Unlike standard straight-fin heat sinks, the fins spread outward. This design increases the surface area and maximizes air turbulence, which significantly improves cooling efficiency in constrained spaces.
#### B. pushPIN™ Attachment
The part uses a specialized "pushPIN" mounting system. This includes:
* **Brass or Plastic Pins:** To secure the sink to the PCB.
* **Compression Springs:** To provide consistent pressure (Force) across the thermal interface material (TIM).
* **Pre-drilled Holes:** Designed for specific pitch patterns on a circuit board.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with **T412** thermal tape or a pre-applied phase-change material. This ensures that there are no microscopic air gaps between the electronic component (heat source) and the aluminum sink.
---
### 3. Part Number Breakdown
To understand the electronic properties, we can decode the SKU:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **14F** | Fin style/Series |
| **147** | Specific dimensions/model variant |
| **C3** | Performance/Finish code (Blue Anodized) |
| **R0** | Packaging or Thermal Interface Material version |
---
### 4. Application Use Cases
* **Telecommunications:** Cooling for high-speed routers and switches.
* **Embedded Systems:** Heat dissipation for small-form-factor industrial PCs.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What are the specific hole-to-hole mounting dimensions for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?