Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-14F-157-C2-R0

  • AI
    The part number **ATS-14F-157-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This specific model belongs to their *push-pin* series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Dimensions (L x W x H)** | 40mm x 40mm x 30mm | | **Thermal Resistance** | 3.35°C/W @ 100 LFM | | **Fin Style** | Straight Fin | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the configuration: - **ATS-14**: Designates the product series and base dimensions. - **F**: Indicates the fin pitch (usually "Fine" or specific density). - **157**: Represents the specific height and internal configuration code. - **C2**: Refers to the material and finish (Blue Anodized Aluminum). - **R0**: Indicates the revision level or RoHS compliance status. --- ### 3. Key Electronic Functions While a heat sink is a mechanical part, it is critical for the electronic integrity of a system: 1. **Thermal Management**: It dissipates heat from a semiconductor junction to the ambient air, preventing **thermal throttling** or permanent hardware damage. 2. **Increased Component Life**: By keeping the operating temperature low, it slows down the chemical degradation of the silicon, adhering to the *Arrhenius Equation* (which states that higher temperatures lead to faster failure rates). 3. **Stability**: Ensures that the electrical characteristics (like resistance and capacitance) of the underlying chip remain stable, as these often drift with temperature. --- ### 4. Implementation Details The **push-pin** system is favored in electronics manufacturing because: * **Ease of Assembly**: No tools are required for installation on the PCB. * **Uniform Pressure**: The springs ensure the heat sink maintains constant contact with the chip, optimizing the performance of the **Thermal Interface Material (TIM)** or thermal paste. * **Security**: It provides a more secure mechanical bond than simple adhesive tapes, making it suitable for high-vibration environments.
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a cooling fan for active thermal management?