ATS-14F-162-C2-R0
AI

The **ATS-14F-162-C2-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
This part belongs to the **pushPIN™** series by Advanced Thermal Solutions (ATS). It is characterized by its specific fin design and mounting mechanism.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.62 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
| **Base Pattern** | Square |
---
## 2. Key Components & Design
The "electronic" functionality of this part is passive, meaning it does not require electricity to run but is essential for the electrical stability of the system.
### A. The Heat Sink Body
* **Material:** Made from high-grade aluminum for optimal thermal conductivity.
* **Fin Design:** The straight-fin design allows for efficient airflow, typically paired with a cooling fan or high-velocity system air.
### B. The pushPIN™ Mounting System
Instead of using messy thermal adhesives or complex screws, this part uses a specific spring-loaded mechanism:
1. **Push Pins:** Durable brass or plastic pins that snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These ensure consistent pressure (10-stage) is applied to the heat source, maximizing thermal transfer.
### C. Thermal Interface Material (TIM)
* The part usually comes with **pre-applied thermal interface material**.
* This material fills microscopic air gaps between the component (like a CPU or FPGA) and the heat sink base to lower thermal resistance.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS-14** | Series Identification |
| **F** | Fine Pitch / Fin configuration |
| **162** | Specific dimensional/thermal profile |
| **C2** | Thermal Performance Class / Material Grade |
| **R0** | RoHS Compliant / Revision code |
---
## 4. Typical Applications
* **Networking Gear:** Switches and routers where high-heat FPGAs are used.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical.
- ⤷
What are the compatible PCB hole patterns for the ATS-14F-162-C2-R0?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?