AI

The **ATS-14F-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance (LFM 100)** | 12.30 °C/W |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height (H)** | 15mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight Fin |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the product's attributes:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **14**: Heat sink series (referring to the fin style and attachment type).
* **F**: Fin pitch (indicates a specific density of fins).
* **166**: Specific dimension profile/ID.
* **C3**: Indicates the material/finish (Blue Anodized Aluminum).
* **R0**: Version/Revision number (Standard ROHS compliant).
---
### 3. Key Electronic Functions
While the heat sink itself does not have electrical circuitry, it is vital for the electronic stability of the system:
1. **Thermal Dissipation**: It increases the surface area of a hot electronic component, allowing airflow (convection) to carry away heat more efficiently.
2. **Thermal Resistance**: At a low airflow (100 Linear Feet per Minute), it offers a resistance of **12.30 °C/W**, meaning for every watt of power the chip consumes, its temperature will rise 12.30°C above the ambient air.
3. **Mechanical Attachment**: The **push-pin** mechanism uses a pre-drilled hole in the PCB and a compression spring to ensure constant, even pressure on the chip, which optimizes the thermal interface.
4. **EMI/RFI Consideration**: Being made of aluminum, it can occasionally influence the electromagnetic profile of the board, though its primary function remains purely thermal.
---
### 4. Application Example
This part is commonly used in compact electronic housings where space is limited.
```yaml
Application: Embedded Computing
Component_Target: Voltage Regulator or Small Processor
PCB_Mounting: 2-Hole push-pin layout
Thermal_Interface: Pre-applied T766 Phase Change Material (usually included)
```
- ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does airflow speed (LFM) affect the thermal resistance of the ATS-14F-166-C3-R0?
- ⤷ What are the PCB hole diameter requirements for this specific push-pin model?