ATS-14F-170-C2-R0
AI

The **ATS-14F-170-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the key physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Thermal Resistance (Unducted)** | 10.07 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 4.66 °C/W @ 100 LFM |
| **Fin Type** | Fine-Pitch (Straight) |
---
## 2. Key Components & Design
The "ATS-14F-170-C2-R0" part number follows a specific nomenclature that defines its electronic and mechanical application:
### A. Fin Profile (Fine-Pitch)
This heat sink uses a **straight-fin design**. This provides a high surface-area-to-volume ratio, making it ideal for high-velocity airflow environments where heat needs to be moved away from the semiconductor quickly.
### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses a **spring-loaded push-pin** system.
* **Mechanical Stability:** Ensures consistent pressure across the interface for optimal heat transfer.
* **Easy Installation:** Pins click into pre-drilled holes on the PCB.
* **Vibration Resistance:** Suitable for industrial or automotive electronics where movement is expected.
### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **ATS-PPS-02** thermal interface material. This ensures there are no air gaps between the chip and the aluminum base.
---
## 3. Usage Context
This specific size (25mm x 25mm) is commonly used for:
* **BGA (Ball Grid Array)** processors.
* **FPGAs** (Field Programmable Gate Arrays).
* **Network Switches** and high-speed routers.
* **Power supplies** that require compact cooling solutions.
---
- ⤷
What are the advantages of push-pin mounting over adhesive thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance?
- ⤷ Can this heat sink be used in natural convection environments without a fan?