ATS-14F-20-C2-R0
AI

The **ATS-14F-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Base Material** | Aluminum (AL6063) |
| **Attachment Type** | Push-Pin (Brass/Plastic) |
| **Thermal Resistance** | 7.14°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (Fin)** | 25.00 mm |
| **Fin Pitch** | Super Fine |
| **Fin Type** | XCUT |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. XCUT Fin Design
The "XCUT" geometry refers to the cross-cut pattern in the aluminum fins. This allows for **multi-directional airflow**, meaning the heat sink remains efficient even if the air inside the enclosure is turbulent or coming from various angles.
#### B. pushPIN™ Attachment System
Instead of using messy adhesives or fragile clips, this part uses a spring-loaded push-pin mechanism.
* **Benefits:** Ensures constant pressure for maximum heat transfer and allows for easy installation/removal without damaging the PCB.
* **Hardware:** Usually consists of a brass or plastic pin with a stainless steel spring.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** thermal grease pre-applied to the base. This fills the microscopic air gaps between the heat sink and the electronic component, significantly reducing thermal impedance.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **14**: Series identifier.
3. **F**: Attachment style (Push-pin type).
4. **20**: Specific size/design iteration.
5. **C2**: Material/Finish code (Blue Anodized).
6. **R0**: Revision or packaging indicator.
---
### 4. Typical Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Industrial PC:** Thermal management for embedded controllers.
* **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ How do I calculate if the 7.14°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there different spring tensions available for the push-pin mounting?