ATS-14F-202-C2-R0
AI

## Technical Analysis: ATS-14F-202-C2-R0
The **ATS-14F-202-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed to provide a secure and efficient cooling solution for electronic components, specifically integrated circuits (ICs) and surface-mount devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-14F-202-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 6.00mm |
| **Thermal Resistance** | 14.83 °C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Plastic Pegs / Springs) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Component Features
* **Low Profile Design:** With a height of only 6.00mm, this heat sink is ideal for space-constrained applications where vertical clearance is limited.
* **XC (Square) Fin Pattern:** Features a cross-cut (XC) fin pattern which provides a large surface area for heat dissipation while allowing multidirectional airflow.
* **Thermal Interface Material (TIM):** It comes pre-applied with **T766**, a high-performance thermal grease that ensures maximum heat transfer from the component to the heat sink.
* **Secure Attachment:** The pushPIN™ mechanism uses a precise spring-loaded tensioning system that ensures uniform pressure across the component, preventing damage and improving thermal contact.
---
### 3. Thermal Performance Matrix
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 14.83 |
| 200 | 1.0 | 6.91 |
| 400 | 2.0 | 4.44 |
| 600 | 3.0 | 3.51 |
---
### 4. Common Applications
This part is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling routers, switches, and network processors.
2. **Embedded Systems:** Industrial PCs and small form factor (SFF) boards.
3. **Automotive:** ADAS sensors and infotainment control units.
4. **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What are the alternative attachment methods for ATS heat sinks besides pushPIN?
- ⤷How does the T766 thermal interface material compare to phase-change materials?
- ⤷What are the advantages of blue anodizing over standard black anodized finishes for heat sinks?